Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F042T4 Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce STM32F042T4
Description  Reset and power management
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F042T4 Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button STM32F042T4 Datasheet HTML 99Page - STMicroelectronics STM32F042T4 Datasheet HTML 100Page - STMicroelectronics STM32F042T4 Datasheet HTML 101Page - STMicroelectronics STM32F042T4 Datasheet HTML 102Page - STMicroelectronics STM32F042T4 Datasheet HTML 103Page - STMicroelectronics STM32F042T4 Datasheet HTML 104Page - STMicroelectronics STM32F042T4 Datasheet HTML 105Page - STMicroelectronics STM32F042T4 Datasheet HTML 106Page - STMicroelectronics STM32F042T4 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
DocID025832 Rev 5
103/117
STM32F042x4 STM32F042x6
Package information
113
Figure 46. Recommended footprint for UFQFPN32 package
1. Dimensions are expressed in millimeters.
Table 71. UFQFPN32 package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.500
0.550
0.600
0.0197
0.0217
0.0236
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
-
0.152
-
-
0.0060
-
b
0.180
0.230
0.280
0.0071
0.0091
0.0110
D
4.900
5.000
5.100
0.1929
0.1969
0.2008
D1
3.400
3.500
3.600
0.1339
0.1378
0.1417
D2
3.400
3.500
3.600
0.1339
0.1378
0.1417
E
4.900
5.000
5.100
0.1929
0.1969
0.2008
E1
3.400
3.500
3.600
0.1339
0.1378
0.1417
E2
3.400
3.500
3.600
0.1339
0.1378
0.1417
e
-
0.500
-
-
0.0197
-
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More