| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151X6 Fiches technique(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151X6 Fiches technique(HTML) 118 Page - STMicroelectronics |
|
118 / 146 page ![]() Electrical parameters STM8L151x6/8 STM8L152x6/8 118/146 DocID17943 Rev 10 Figure 43. ADC1 accuracy characteristics Figure 44. Typical connection diagram using the ADC 1. Refer to Table 53 for the values of RAIN and CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. |