| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361J7-Auto Fiches technique(PDF) 112 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J7-Auto Fiches technique(HTML) 112 Page - STMicroelectronics |
|
112 / 279 page ![]() 16-bit timer ST72361xx-Auto 112/279 Doc ID 12468 Rev 3 3. Select the following in the CR2 register: – Set the OC1E bit, the OCMP1 pin is then dedicated to the Output Compare 1 function. – Set the OPM bit. – Select the timer clock CC[1:0] (see Table 50). Then, on a valid event on the ICAP1 pin, the counter is initialized to FFFCh and OLVL2 bit is loaded on the OCMP1 pin, the ICF1 bit is set and the value FFFDh is loaded in the IC1R register. Because the ICF1 bit is set when an active edge occurs, an interrupt can be generated if the ICIE bit is set. Clearing the Input Capture interrupt request (that is, clearing the ICFi bit) is done in two steps: 1. Reading the SR register while the ICFi bit is set. 2. An access (read or write) to the ICiLR register. The OC1R register value required for a specific timing application can be calculated using the following formula: Where: t = Pulse period (in seconds) fCPU = CPU clock frequency (in hertz) PRESC = Timer prescaler factor (2, 4 or 8 depending on the CC[1:0] bits, see Table 50) If the timer clock is an external clock the formula is: Where: t = Pulse period (in seconds) fEXT = External timer clock frequency (in hertz) When the value of the counter is equal to the value of the contents of the OC1R register, the OLVL1 bit is output on the OCMP1 pin, (See Figure 57). event occurs Counter = OC1R OCMP1 = OLVL1 When When on ICAP1 One Pulse mode cycle OCMP1 = OLVL2 Counter is reset to FFFCh ICF1 bit is set ICR1 = Counter OCiR Value = t * fCPU PRESC - 5 OCiR = t * fEXT -5 |