Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72344S4 Fiches technique(PDF) 235 Page - STMicroelectronics

No de pièce ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Fiches technique(HTML) 235 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 231Page - STMicroelectronics ST72344S4 Datasheet HTML 232Page - STMicroelectronics ST72344S4 Datasheet HTML 233Page - STMicroelectronics ST72344S4 Datasheet HTML 234Page - STMicroelectronics ST72344S4 Datasheet HTML 235Page - STMicroelectronics ST72344S4 Datasheet HTML 236Page - STMicroelectronics ST72344S4 Datasheet HTML 237Page - STMicroelectronics ST72344S4 Datasheet HTML 238Page - STMicroelectronics ST72344S4 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 247 page
background image
ST72344xx, ST2345xx
Device configuration and ordering information
Doc ID 12321 Rev 6
235/247
15.1.4
Option byte 3
OPT7:6 = PKG1:0 Package selection
These option bits select the package.
OPT5 = I2C3S I2C3SNS selection
0: I2C3SNS selected
1: I2C3SNS not selected
OPT4:0 = Reserved. Must be kept at 1.
Table 123.
Package selection
Version
Selected package
PKG 1
PKG 0
KLQFP32
0
0
SLQFP44
0
1
CLQFP48
1
x
Table 124.
Option byte default values
Option byte 2
Option byte 3
7
6
5
4
3
2
1
076
5
43210
Reserved
Reserved
Default
value
1
1
1
1
1
1
1
1
x
x
x
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More