Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72344S4 Fiches technique(PDF) 192 Page - STMicroelectronics

No de pièce ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Fiches technique(HTML) 192 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 188Page - STMicroelectronics ST72344S4 Datasheet HTML 189Page - STMicroelectronics ST72344S4 Datasheet HTML 190Page - STMicroelectronics ST72344S4 Datasheet HTML 191Page - STMicroelectronics ST72344S4 Datasheet HTML 192Page - STMicroelectronics ST72344S4 Datasheet HTML 193Page - STMicroelectronics ST72344S4 Datasheet HTML 194Page - STMicroelectronics ST72344S4 Datasheet HTML 195Page - STMicroelectronics ST72344S4 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 247 page
background image
Instruction set
ST72344xx, ST2345xx
192/247
Doc ID 12321 Rev 6
12.1.2
Immediate
Immediate instructions have 2 bytes; the first byte contains the opcode, the second byte
contains the operand value.
12.1.3
Direct
In Direct instructions, the operands are referenced by their memory address.
The direct addressing mode consists of two submodes:
Direct (Short)
The address is a byte, thus requires only 1 byte after the opcode, but only allows 00 - FF
addressing space.
Direct (Long)
The address is a word, thus allowing 64-Kbyte addressing space, but requires 2 bytes after
the opcode.
12.1.4
Indexed (No Offset, Short, Long)
In this mode, the operand is referenced by its memory address, which is defined by the
unsigned addition of an index register (X or Y) with an offset.
The indirect addressing mode consists of three submodes:
SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
Table 77.
Inherent instructions (continued)
Inherent instruction
Function
Table 78.
Immediate instructions
Immediate instruction
Function
LD
Load
CP
Compare
BCP
Bit Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More