Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72344S2 Fiches technique(PDF) 237 Page - STMicroelectronics

No de pièce ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Fiches technique(HTML) 237 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 233Page - STMicroelectronics ST72344S2 Datasheet HTML 234Page - STMicroelectronics ST72344S2 Datasheet HTML 235Page - STMicroelectronics ST72344S2 Datasheet HTML 236Page - STMicroelectronics ST72344S2 Datasheet HTML 237Page - STMicroelectronics ST72344S2 Datasheet HTML 238Page - STMicroelectronics ST72344S2 Datasheet HTML 239Page - STMicroelectronics ST72344S2 Datasheet HTML 240Page - STMicroelectronics ST72344S2 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 247 page
background image
ST72344xx, ST2345xx
Device configuration and ordering information
Doc ID 12321 Rev 6
237/247
15.3.2
Development and debugging tools
Application development for ST7 is supported by fully optimizing C Compilers and the ST7
Assembler-Linker toolchain, which are all seamlessly integrated in the ST7 integrated
development environments in order to facilitate the debugging and fine-tuning of your
application. The Cosmic C Compiler is available in a free version that outputs up to
16 KBytes of code.
The range of hardware tools includes full-featured ST7-EMU3 series emulators and the
low-cost RLink in-circuit debugger/programmer. These tools are supported by the ST7
Toolset from STMicroelectronics, which includes the STVD7 integrated development
environment (IDE) with high-level language debugger, editor, project manager and
integrated programming interface.
15.3.3
Programming tools
During the development cycle, the ST7-EMU3 series emulators and the RLink provide in-
circuit programming capability for programming the Flash microcontroller on your application
board.
ST also provides a low-cost dedicated in-circuit programmer, the ST7-STICK, as well as
ST7 Socket Boards which provide all the sockets required for programming any of the
devices in a specific ST7 sub-family on a platform that can be used with any tool with in-
circuit programming capability for ST7.
For production programming of ST7 devices, ST’s third-party tool partners also provide a
complete range of gang and automated programming solutions, which are ready to integrate
into your production environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More