| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72344K4 Fiches technique(PDF) 244 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K4 Fiches technique(HTML) 244 Page - STMicroelectronics |
|
244 / 247 page ![]() Known limitations ST72344xx, ST2345xx 244/247 Doc ID 12321 Rev 6 16.7.3 Workaround The sequence to program the EEPROM data (refer to Section 5.3) must be executed within C000h-DFFFh area or from the RAM. It is as follows: set E2LAT bit write up to 32 bytes in E2PROM area SIM ; to disable the interrupts set E2PGM bit wait for E2PGM=0 RIM ; to enable the interrupts return to the program memory |