Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72344K2 Fiches technique(PDF) 244 Page - STMicroelectronics

No de pièce ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Fiches technique(HTML) 244 Page - STMicroelectronics

Back Button ST72344K2 Datasheet HTML 239Page - STMicroelectronics ST72344K2 Datasheet HTML 240Page - STMicroelectronics ST72344K2 Datasheet HTML 241Page - STMicroelectronics ST72344K2 Datasheet HTML 242Page - STMicroelectronics ST72344K2 Datasheet HTML 243Page - STMicroelectronics ST72344K2 Datasheet HTML 244Page - STMicroelectronics ST72344K2 Datasheet HTML 245Page - STMicroelectronics ST72344K2 Datasheet HTML 246Page - STMicroelectronics ST72344K2 Datasheet HTML 247Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 244 / 247 page
background image
Known limitations
ST72344xx, ST2345xx
244/247
Doc ID 12321 Rev 6
16.7.3
Workaround
The sequence to program the EEPROM data (refer to Section 5.3) must be executed within
C000h-DFFFh area or from the RAM. It is as follows:
set E2LAT bit
write up to 32 bytes in E2PROM area
SIM ; to disable the interrupts
set E2PGM bit
wait for E2PGM=0
RIM ; to enable the interrupts
return to the program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More