| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72344K2 Fiches technique(PDF) 229 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344K2 Fiches technique(HTML) 229 Page - STMicroelectronics |
|
229 / 247 page ![]() ST72344xx, ST2345xx Package characteristics Doc ID 12321 Rev 6 229/247 Figure 121. 44-pin low profile quad flat package outline 1. Drawing is not to scale. Table 115. 40-lead very thin fine pitch quad flat no-lead package mechanical data Dim. mm inches (1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.80 0.90 1.00 0.0315 0.0354 0.0394 A1 0.02 0.05 0.0008 0.0020 A2 0.65 1.00 0.0256 0.0394 A3 0.20 0.0079 b 0.18 0.25 0.30 0.0071 0.0098 0.0118 D 5.85 6.00 6.15 0.2303 0.2362 0.2421 D2 2.75 2.9 3.05 0.1083 0.1142 0.1201 E 5.85 6 6.15 0.2303 0.2362 0.2421 E2 2.75 2.9 3.05 0.1083 0.1142 0.1201 e0.50 0.0197 L 0.30 0.40 0.50 0.0118 0.0157 0.0197 N Number of pins 40 A A2 A1 b e L1 L h c E E1 D D1 |