Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S4-Auto Fiches technique(PDF) 311 Page - STMicroelectronics

No de pièce ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Fiches technique(HTML) 311 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 307Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 308Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 309Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 310Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 311Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 312Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 313Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 314Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Instruction set
311/371
JRUGT
Jump if (C + Z = 0)
Unsigned >
JRULE
Jump if (C + Z = 1)
Unsigned <=
LD
Load
dst <= src
reg, M
M, reg
N
Z
MUL
Multiply
X,A = X * A
A, X, Y
X, Y, A
0
0
NEG
Negate (2's compl)
neg $10
reg, M
N
Z
C
NOP
No operation
OR
OR operation
A = A + M
A
M
N
Z
Pop
Pop from the stack
pop reg
reg
M
pop CC
CC
M
I1
H
I0
N
Z
C
Push
Push onto the stack
Push Y
M
reg, CC
RCF
Reset carry flag
C = 0
0
RET
Subroutine return
RIM
Enable interrupts
I1:0 = 10 (level 0)
1
0
RLC
Rotate left true C
C <= A <= C
reg, M
N
Z
C
RRC
Rotate right true C
C => A => C
reg, M
N
Z
C
RSP
Reset stack pointer
S = Max allowed
SBC
Substract with carry
A = A - M - C
A
M
N
Z
C
SCF
Set carry flag
C = 1
1
SIM
Disable interrupts
I1:0 = 11 (level 3)
1
1
SLA
Shift left arithmetic
C <= A <= 0
reg, M
N
Z
C
SLL
Shift left logic
C <= A <= 0
reg, M
N
Z
C
SRL
Shift right logic
0 => A => C
reg, M
0
Z
C
SRA
Shift right arithmetic
A7 => A => C
reg, M
N
Z
C
SUB
Substraction
A = A - M
A
M
N
Z
C
SWAP
SWAP nibbles
A7-A4 <=> A3-A0
reg, M
N
Z
TNZ
Test for neg and zero
tnz lbl1
N
Z
TRAP
S/W trap
S/W interrupt
1
1
WFI
Wait for interrupt
1
0
XOR
Exclusive OR
A = A XOR M
A
M
N
Z
Table 185.
Instruction set overview (continued)
Mnemo
Description
Function/example
Dst
Src
I1
H
I0
N
Z
C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More