Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC2S4-Auto Fiches technique(PDF) 181 Page - STMicroelectronics

No de pièce ST7MC2S4-Auto
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC2S4-Auto Fiches technique(HTML) 181 Page - STMicroelectronics

Back Button ST7MC2S4-Auto Datasheet HTML 177Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 178Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 179Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 180Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 181Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 182Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 183Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 184Page - STMicroelectronics ST7MC2S4-Auto Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
181/371
Delay manager
213
Switched mode
214
Autoswitched mode
217
Debug option
219
Built-in checks and controls for simulated events
221
Speed measurement mode
227
Summary
233
PWM manager
234
Voltage mode
234
Over current handling in voltage mode
234
Current mode
235
Current feedback comparator
235
Current feedback amplifier
237
Measurement window
237
Channel manager
240
MPHST phase state register
242
Emergency feature
243
Deadtime generator
245
Programmable chopper
251
PWM generator block
252
Main features
252
Functional description
253
Prescaler
253
PWM operating mode
254
Repetition down-counter
257
PWM interrupt generation
257
Timer resynchronization
258
PWM generator initialization and start-up
259
Table 80.
MTC functional blocks (continued)
Section
Page
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More