| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7MC1K2 Fiches technique(PDF) 368 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2 Fiches technique(HTML) 368 Page - STMicroelectronics |
|
368 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Known limitations ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 368/371 LD A,X; check for falling edge cp A,#$02 jrne OUT TNZ Y jrne OUT LD A,#$01 LD sema,A; set the semaphore to '1' if edge is detected RIM ; reset the interrupt mask LD A,sema; check the semaphore status CP A,#$01 jrne OUT call call_routine; call the interrupt routine RIM OUT:RIM JP while_loop .call_routine; entry to call_routine Push A Push X Push CC .ext1_rt; entry to interrupt routine LD A,#$00 LD sema,A IRET Obsolete Product(s) - Obsolete Product(s) |