Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2 Fiches technique(PDF) 213 Page - STMicroelectronics

No de pièce ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Fiches technique(HTML) 213 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 209Page - STMicroelectronics ST7MC1K2 Datasheet HTML 210Page - STMicroelectronics ST7MC1K2 Datasheet HTML 211Page - STMicroelectronics ST7MC1K2 Datasheet HTML 212Page - STMicroelectronics ST7MC1K2 Datasheet HTML 213Page - STMicroelectronics ST7MC1K2 Datasheet HTML 214Page - STMicroelectronics ST7MC1K2 Datasheet HTML 215Page - STMicroelectronics ST7MC1K2 Datasheet HTML 216Page - STMicroelectronics ST7MC1K2 Datasheet HTML 217Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
On-chip peripherals
213/371
10.6.7
Delay manager
This part of the MTC contains all the time-related functions. Its architecture is based on an 8-bit shift
left/shift right timer shown in Figure 92.
Figure 92.
Overview of MTIM timer in switched and autoswitched mode
1.
Register updated on R event.
2.
Preload bits, new value taken into account at the next C event (in normal mode) or when a value is written in the MPHST
register when in direct access mode. For more details refer to the description of the DAC bit in Control register A (MCRA)
on page 265. The use of a preload register allows all the registers to be updated at the same time.
The MTIM timer includes:
●
An auto-updated prescaler
●
A capture/compare register for simulated demagnetization simulation (MDREG)
●
Two cascaded capture and one compare registers (MZREG and MZPRV) for storing the times
between two consecutive BEMF zero crossings (ZH events) and for zero-crossing event simulation
(ZS)
●
An 8x8 bit multiplier for auto computing the next commutation time
●
1 compare register for phase commutation generation (MCOMP)
The MTIM timer module can work in two main modes when driving synchronous motors in six-step mode.
8-bit up counter MTIM (1)
MZREG [Zn]
(1)
DS
MDREG [Dn]
(1)
Compare
ZH
DH
ck
CH,S
DS,H
ZH,S
8
Tratio
SDM bit(2)
Z
clr
1
0
C
SWA bit
To interrupt generator
To interrupt generator
To interrupt generator
MCRA register
MCRB register
Compare
ZS
SZ bit
MCRC register
ZH/ZS
MZPRV [Zn-1]
(1)
Filter/D
MZFR register
ZWF[3:0]
Filter/C
MDFR register
DWF[3:0]
CH/CS
Compare
MCOMP [Cn+1]
(1)
SC bit
MCRC register
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More