Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MC1K2 Fiches technique(PDF) 194 Page - STMicroelectronics

No de pièce ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Fiches technique(HTML) 194 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 190Page - STMicroelectronics ST7MC1K2 Datasheet HTML 191Page - STMicroelectronics ST7MC1K2 Datasheet HTML 192Page - STMicroelectronics ST7MC1K2 Datasheet HTML 193Page - STMicroelectronics ST7MC1K2 Datasheet HTML 194Page - STMicroelectronics ST7MC1K2 Datasheet HTML 195Page - STMicroelectronics ST7MC1K2 Datasheet HTML 196Page - STMicroelectronics ST7MC1K2 Datasheet HTML 197Page - STMicroelectronics ST7MC1K2 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
194/371
Table 84.
D window filter setting(1)
1.
Times are indicated for 4 MHz fPERIPH.
DWF3
DWF2
DWF1
DWF0
C to D window filter in
Sensorless mode (SR = 0)
SR = 1
0000
5 µs
No window filter after C event
0001
10 µs
0010
15 µs
0011
20 µs
0100
25 µs
0101
30 µs
0110
35 µs
0111
40 µs
1000
60 µs
1001
80 µs
1010
100 µs
1011
120 µs
1100
140 µs
1101
160 µs
1110
180 µs
1111
200 µs
Table 85.
D event filter setting
DEF3
DEF2
DEF1
DEF0
D event limit
SR = 1
0000
1
No D event filter
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
8
1000
9
1001
10
1010
11
1011
12
1100
13
1101
14
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More