Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM330XGI Fiches technique(PDF) 1 Page - NEC

No de pièce UM330XGI
Description  NEC UM330XGi Professional Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UM330XGI Fiches technique(HTML) 1 Page - NEC

  UM330XGI Datasheet HTML 1Page - NEC UM330XGI Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
au.nec.com
NEC UM330XGi
Order Code: NP-UM330XGi-B
NEC UM330XGi Professional Display
Get great performance while saving the environment.
Advanced Eco features help to substantially lower your
operating cost without compromising on quality and flexibility.
Less shadow and glare gives the presenter more space to
engage with his audience and enhances the experience when
using the integrated interactive whiteboard function.
The UM330XGi is particularly suited for classrooms and small to
medium sized meeting rooms.
DELIVERING GENUINE BENEFITS
Integrated interactivity - based on eBeam® technology
including application software for business and corporate
users.
Less Shadow and Glare - not standing in the light beam gives
you more space to engage with your audience when
presenting.
Wall-mount included - for quick and easy installation,
compatible with height adjustable sytems.
Works with various NEC Software Tools - Including Image
Express Utility Lite (WIN,MAC,iOS), Virtual Remote Tool (WIN /
iOS), PC Control Utility Pro 4 / 5, Viewer PPT Converter and
DisplayNote.
Free Download of Multi-Display Management Software - with
NaViSet Administrator 2 you can manage all your connected
display devices from a centralised location.
OUTSTANDING PERFORMANCE
Integrated interactivity transforms any flat surface into an interactive workspace
Ultra Short-Throw Projection with 0.36:1 throw ratio
Minimised Cost of Ownership due to long lamp life and filter cleaning intervals
Innovative ECO Functions to reduce power consumption
Great Connectivity due to numerous analogue and digital connection terminals,
network capability as well as optional wireless connection
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers. All
specifications are subject to change without notice. Errors and omissions are excepted. 30.04.2014
Free DisplayNote Presenter Licence - present, share,
collaborate with multiple participants across multiple
devices (limited availability).


Numéro de pièce similaire - UM330XGI

FabricantNo de pièceFiches techniqueDescription
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
List of Unclassifed Man...
UM3300 ETC1-UM3300 Datasheet
145Kb / 2P
10 WTT DC-DC CONVERTERS
logo
ShenZhen XinDeYi Electr...
UM3301 XINDEYI-UM3301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
More results

Description similaire - UM330XGI

FabricantNo de pièceFiches techniqueDescription
logo
NEC
P242W-BK NEC-P242W-BK Datasheet
767Kb / 2P
NEC LCD 24" Professional Desktop Display
PA242W-BK NEC-PA242W-BK Datasheet
825Kb / 2P
NEC LCD 24" Professional Desktop Display
PA302W-BK NEC-PA302W-BK Datasheet
1Mb / 2P
NEC LCD 30 Professional Desktop Display
P232W-BK NEC-P232W-BK Datasheet
980Kb / 2P
NEC LCD 23" Professional Desktop Display
X651UHD NEC-X651UHD Datasheet
949Kb / 2P
NEC LCD 65 Professional Large Format Display
X981UHD NEC-X981UHD Datasheet
1Mb / 2P
NEC LCD 98 Professional Large Format Display
P502WG NEC-P502WG Datasheet
596Kb / 2P
NEC Professional Projector
P451WG NEC-P451WG Datasheet
783Kb / 2P
NEC P451WG Professional Projector
PA572WG NEC-PA572WG Datasheet
593Kb / 2P
NEC Professional Installation Projector
PA621UG NEC-PA621UG Datasheet
584Kb / 2P
NEC Professional Installation Projector
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com