| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV2685VIDZUTA7 Fiches technique(PDF) 146 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685VIDZUTA7 Fiches technique(HTML) 146 Page - Texas Instruments |
|
146 / 191 page ![]() 36 11 10 12 9 1 38 13 2 3 6 HCS (input) HAS (input) HSTROBE (A) (input) HR/W (input) HRDY (B) (output) HD[31:0] (output) HCNTL[1:0] (input) 7 37 TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT (HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto- incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5) Figure 6-45. HPI32 Read Timing (HAS Used) 146 Peripheral Information and Electrical Specifications Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |