Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV2685FIDZUTA7 Fiches technique(PDF) 183 Page - Texas Instruments

No de pièce TNETV2685FIDZUTA7
Description  Digital Media Processor
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2685FIDZUTA7 Fiches technique(HTML) 183 Page - Texas Instruments

Back Button TNETV2685FIDZUTA7 Datasheet HTML 179Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 180Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 181Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 182Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 183Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 184Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 185Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 186Page - Texas Instruments TNETV2685FIDZUTA7 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 191 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
7
Mechanical Data
The following table(s) show the thermal resistance characteristics for the ZUT mechanical package.
7.1
Thermal Data for ZUT
Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZUT]
°C/W(1)
AIR FLOW (m/s)(2)
R
ΘJC
R
ΘJC Junction-to-case
1.7
N/A
R
ΘJB
R
ΘJB Junction-to-board
8.6
N/A
R
ΘJA
R
ΘJA Junction-to-free air
17.2
0.0
13.7
1.0
12.4
2.0
11.5
3.0
ψJT
ψJT Junction-to-package top
0.6
0.0
0.6
1.0
0.6
2.0
0.7
3.0
ψiJB
ψJB Junction-to-board
8.4
0.0
7.4
1.0
7.0
2.0
6.7
3.0
(1)
The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC
defined 1S2P system and will change based on environment as well as application.
For more information, see these three EIA/JEDEC standards:
•
EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
(2)
m/s = meters per second
Copyright © 2007–2012, Texas Instruments Incorporated
Mechanical Data
183
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More