| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM814X Fiches technique(PDF) 145 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Fiches technique(HTML) 145 Page - Texas Instruments |
|
145 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-46. Video Output 1 Terminal Functions (continued) SIGNAL OTHER(2) TYPE(1) MUXED DESCRIPTION (3) NAME NO. VOUT[1]_R_CR[9]/ EMAC[1], EMAC[1]_MTXEN/ VIN[1]A, UART5, IPD VIN[1]A_D[20]/ Y24 O GP3 DVDD UART5_TXD/ PINCNTL227 GP3[19] DSIS: N/A VOUT[1]_R_CR[8]/ EMAC[1], EMAC[1]_MTXD[7]/ VIN[1]A, UART5, IPD VIN[1]A_D[19]/ W23 O GP3 DVDD UART5_RXD/ PINCNTL226 Video Output Data. These signals represent the 8 MSBs GP3[18] DSIS: N/A of R/CR video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, VOUT[1]_R_CR[7]/ EMAC[1], for Y/C mode and BT.656 mode they are not used. EMAC[1]_MTXD[6]/ VIN[1]A, SPI[3], IPD VIN[1]A_D[18]/ V22 O GP3 DVDD SPI[3]_D[0]/ PINCNTL225 GP3[17] DSIS: N/A VOUT[1]_R_CR[6]/ EMAC[1], EMAC[1]_MTXD[5]/ VIN[1]A, SPI[3], IPD VIN[1]A_D[17]/ AA25 O GP3 DVDD SPI[3]_D[1]/ PINCNTL224 GP3[16] DSIS: N/A VOUT[1]_R_CR[5]/ EMAC[1], EMAC[1]_MTXD[4]/ VIN[1]A, SPI[3], IPD VIN[1]A_D[16]/ AC26 O GP3 DVDD SPI[3]_SCLK/ PINCNTL223 GP3[15] DSIS: N/A VOUT[1]_R_CR[4]/ EMAC[1], EMAC[1]_MTXD[3]/ VIN[1]A, SPI[3], IPD VIN[1]A_D[15]/ AG27 O GP3 DVDD SPI[3]_SCS[1]/ PINCNTL222 GP3[14] DSIS: N/A Video Output Data. These signals represent the 8 MSBs VOUT[1]_R_CR[3]/ of R/CR video data. For RGB mode they are red data GPMC_A[14]/ GPMC, VIN[1]A, bits, for YUV444 mode they are Cr (Chroma) data bits, VIN[1]A_D[22]/ HDMI, SPI[2], for Y/C mode and BT.656 mode they are not used. IPU HDMI_SDA/ AG28 O I2C[2], GP3 DVDD SPI[2]_SCLK/ PINCNTL229 I2C[2]_SDA/ DSIS: N/A GP3[21] VOUT[1]_R_CR[2]/ GPMC, VIN[1]A, GPMC_A[15]/ HDMI, SPI[2], VIN[1]A_D[23]/ IPU AE27 O I2C[2], GP3 HDMI_HPDET/ DVDD PINCNTL230 SPI[2]_D[1]/ DSIS: N/A GP3[22] VOUT[1]_R_CR[1]/ CAMERA_I/F, CAM_D[1]/ GPMC, UART4, IPD GPMC_A[7]/ AC19 O GP0 Video Output Data. These signals represent the 2 LSBs DVDD_C UART4_CTS/ PINCNTL170 of R/CR video data for 30-bit video modes. For RGB GP0[24] DSIS: N/A mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes VOUT[1]_R_CR[0]/ CAMERA_I/F, they are not used. These signals are not used in 24-bit CAM_D[0]/ GPMC, UART4, IPD mode. GPMC_A[8]/ AA22 O GP0 DVDD_C UART4_RTS/ PINCNTL171 GP0[25] DSIS: N/A VOUT[1]_VSYNC/ EMAC[1]_MCRS/ EMAC[1], VIN[1]A_FLD/ VIN[1]A, SPI[3], Video Output Vertical Sync output. This is the discrete IPD VIN[1]A_DE/ AA23 O UART3, GP2 vertical synchronization output. This signal is not used for DVDD SPI[3]_D[0]/ PINCNTL206 embedded sync modes UART3_CTS/ DSIS: N/A GP2[30] Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 145 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |