| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV1644ZDU6 Fiches technique(PDF) 142 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Fiches technique(HTML) 142 Page - Texas Instruments |
|
142 / 306 page ![]() TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com 3.7.3.13.4 EMIFA/VPSS Sub-Block 1 Configuration Choices Table 3-50 through Table 3-54 show the configuration choices in the EMIFA/VPSS Sub-Block 1. For instructions on how to use the different configuration choices tables for the EMIFA/VPSS Block and Sub-Blocks, see Section 3.7.3.13.1, EMIFA/VPSS Block Pin Selection Procedure. Before using Table 3-50 through Table 3-54 to configure the details of the EMIFA/VPSS Sub-Block 1, the user should first select the Major Configuration Option for the EMIFA/VPSS Block (see Section 3.7.3.13.2, EMIFA/VPSS Block Major Configuration Choices). After determining the Major Configuration Option (A, B, C, D, E, F, or G), the user can now use Table 3-50 through Table 3-54 to refine the Sub-Block 1 pin selections. 1. Go to the table with the Major Configuration Option chosen from Table 3-42. 2. Each Major Configuration Option is further divided down into multiple Minor Configuration Options. Select a Minor Configuration Option that best suits the application need. 3. Within the chosen Minor Configuration Option, further refine the detailed pin configurations by selecting the settings of PINMUX0 fields VENCSEL, RGBSEL, CS3SEL, CS4SEL, CS5SEL, and VPBECKEN. 4. The PINMUX Selection Fields columns give the user the settings needed to program the PINMUX0 register. Device Configurations 142 Submit Documentation Feedback |