| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV1644ZDU6 Fiches technique(PDF) 286 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Fiches technique(HTML) 286 Page - Texas Instruments |
|
286 / 306 page ![]() 6.20.3 PCI Electrical Data/Timing TMS320DM6437 Digital Media Processor SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com Texas Instruments (TI) has performed the simulation and system characterization to ensure that the PCI peripheral meets all AC timing specifications as required by the PCI Local Bus Specification Revision 2.3. Therefore, the AC timing specifications are not reproduced here. For more information on the AC timing specifications, see Section 4.2.3, Timing Specification (33-MHz timing) of the PCI Local Bus Specification Revision 2.3. Note: The DM6437 PCI peripheral only supports 3.3-V signaling and 33-MHz operation. 286 Peripheral Information and Electrical Specifications Submit Documentation Feedback |