| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV1644ZDU6 Fiches technique(PDF) 193 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV1644ZDU6 Fiches technique(HTML) 193 Page - Texas Instruments |
|
193 / 306 page ![]() 6.6.2 Clock Input Option 2—1.8-V LVCMOS-Compatible Clock Input MXI/CLKIN MXO NC MXV SS 1.8V MXV DD TMS320DM6437 Digital Media Processor www.ti.com SPRS345D – NOVEMBER 2006 – REVISED JUNE 2008 In this option, a 1.8-V LVCMOS-Compatible Clock Input is used as the external clock input to the DM6437. The external connections are shown in Figure 6-10. The MXI/CLKIN pin is connected to the 1.8-V LVCMOS-Compatible clock source. The MXO pin is left unconnected. The MXVSS pin is connected to board ground (VSS). The MXVDD pin can be connected to the same 1.8-V power supply as DVDDR2. Figure 6-10. 1.8-V LVCMOS-Compatible Clock Input The clock source must meet the MXI/CLKIN timing requirements in Section 6.7.4, Clock PLL Electrical Data/Timing (Input and Output Clocks). Submit Documentation Feedback Peripheral Information and Electrical Specifications 193 |