| Moteur de recherche de fiches techniques de composants électroniques |
|
TNETV2666FIDZWT Fiches technique(PDF) 240 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TNETV2666FIDZWT Fiches technique(HTML) 240 Page - Texas Instruments |
|
240 / 249 page ![]() TMS320C6424 SPRS347D – MARCH 2007 – REVISED DECEMBER 2009 www.ti.com 7 Mechanical Data The following table(s) show the thermal resistance characteristics for the PBGA–ZWT and ZDU mechanical package(s). 7.1 Thermal Data for ZWT Table 7-1. Thermal Resistance Characteristics (PBGA Package) [ZWT] NO. °C/W(1) AIR FLOW (m/s)(2) 1 R ΘJC Junction-to-case 5.4 N/A 2 R ΘJB Junction-to-board 16.0 N/A 3 26.6 0.00 4 R ΘJA Junction-to-free air 21.9 1.0 5 20.4 2.00 7 0.0 0.00 8 PsiJT Junction-to-package top 0.1 1.0 9 0.2 2.00 11 15.9 0.00 12 PsiJB Junction-to-board 15.8 1.0 13 15.3 2.00 (1) The junction-to-case measurement was conducted in a JEDEC defined 1S0P system. Other measurements were conducted in a JEDEC defined 1S2P system and will change based on environment as well as application. For more information, see these three EIA/JEDEC standards: • EIA/JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • EIA/JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages . (2) m/s = meters per second 240 Mechanical Data Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320C6424 |