Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV2664FIDZWT Fiches technique(PDF) 227 Page - Texas Instruments

Click here to check the latest version.
No de pièce TNETV2664FIDZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIDZWT Fiches technique(HTML) 227 Page - Texas Instruments

Back Button TNETV2664FIDZWT Datasheet HTML 223Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 224Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 225Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 226Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 227Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 228Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 229Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 230Page - Texas Instruments TNETV2664FIDZWT Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.18.3 PCI Electrical Data/Timing
Texas Instruments (TI) has performed the simulation and system characterization to ensure that the PCI
peripheral meets all AC timing specifications as required by the PCI Local Bus Specification Revision 2.3.
Therefore, the AC timing specifications are not reproduced here. For more information on the AC timing
specifications, see Section 4.2.3, Timing Specification (33-MHz timing) of the PCI Local Bus Specification
Revision 2.3.
Note: The C6424 PCI peripheral only supports 3.3-V signaling and 33-MHz operation.
There is a clock ratio requirement between the system infrastructure clock, SYSCLK2, and the PCI clock,
PCICLK. For proper device operation, the SYSCLK2 frequency must be faster than the PCICLK
frequency (33 MHz).
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
227
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More