Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA272W-BK Fiches technique(PDF) 1 Page - NEC

No de pièce PA272W-BK
Description  NEC LCD 27" Large Format Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PA272W-BK Fiches technique(HTML) 1 Page - NEC

  PA272W-BK Datasheet HTML 1Page - NEC PA272W-BK Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document is © copyright 2014 NEC Australia
au.nec.com
All rights reserved in favour of their respective owners. All hardware and software names are brand names and/or registered trademarks of the respective manufacturers.
All specifications are subject to change without notice. Errors and omissions are excepted. 31.07.2014
NEC PA272W-BK
Order Code: PA272W-BK
NEC LCD 27" Large Format Display
Professional Reference 10-bit AH-IPSGB-R LED Display
delivers uncompromising image quality as well as minimising
life-cycle environmental impact. Uniting outstanding colour
reproduction, class-leading ergonomics, an built-in carbon
savings meter, ambient light sensor and 10-bit AH-IPS
performance makes it ideal for creative professionals.
The ideal display for all creative professionals, designers,
photographers, CAD-CAM, video-editing, finance, precision
engineering, medical imaging, broadcastingand industrial
applications (e.g. NDT) and anyone who cares about their
visual work.
DELIVERING GENUINE BENEFITS
Future-proof Connectivity - as well as easier support of high
resolution, 10-bit AH-IPS colour signals is assured with the
DisplayPort connector.
Improved Productivity and Reduced Desk Clutter - through
easy multi-platform support and input following USB hub.
Picture-by-picture allows two different platforms to be
simultaneously viewed. A single mouse and keyboard can be
switched to the active operating system.
Instant Real-time Visualisation - with the 3D LUT colour
emulation and the picture-in-picture function you can simulate
accurately different lighting conditions with varying paper
colours.
Responsible Approach to Environmental Impact - is
maintained, without any performance compromise: ambient
light sensor, Carbon Footprint Meter / Carbon Savings Meter
and efficient cabinet packing design.
Save Time and Increase Personal Productivity - see reality on
your screen and see your creative masterpieces precisely as
you envisioned them.
OUTSTANDING PERFORMANCE
Ergonomic. Suitable for long and intensive working with 150 mm height adjust and 10-
bit AH-IPS viewing angle stability for best ergonomics
Input. Each input can be assigned independently, 3D LUT (9x9x9) to define a unique
colour space e.g. sRGB, Adobe RGB.
Integrated USB Hub (2 up; 3 down) can be used to attach USB peripherals such as
mouse and keyboard. At the same time the 2 up connectors can be assigned to
different video inputs which may be feeding the Picture-in-Picture function. Since the
USB standard is very widely supported, easy cross-platform support is assured when
working simultaneously in an heterogeneous environment.
Cabinet and Stand Design allow a very reduced packaging footprint compared to
similar displays. The carbon savings meter, with the built-in ECO Mode allows
responsible energy usage and at the same time motivates and informs the user about
their usage behaviour. The built-in ambient light sensor adjusts the brightness of the
monitor to environmental brightness conditions which again optimises energy usage,
as well as providing an ergonomic brightness level.


Numéro de pièce similaire - PA272W-BK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PA2721AGR RENESAS-PA2721AGR_15 Datasheet
272Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
PA2721GR RENESAS-PA2721GR_15 Datasheet
280Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Pulse A Technitrol Comp...
PA2725NL PULSE-PA2725NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PA2729.113NL PULSE-PA2729.113NL Datasheet
503Kb / 2P
   Wire Wound
PA2729.113NL PULSE-PA2729.113NL Datasheet
503Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com