Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA272W-BK Fiches technique(PDF) 2 Page - NEC

No de pièce PA272W-BK
Description  NEC LCD 27" Large Format Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

PA272W-BK Fiches technique(HTML) 2 Page - NEC

  PA272W-BK Datasheet HTML 1Page - NEC PA272W-BK Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC PA272W-BK
Version 1
July 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC PA272W-BK
SPECIAL CHARACTERISTICS
Adjustable power LED (colour and brightness), Auto Black Level,
Auto Brightness, Auto Contrast, AutoBright, CableComp with Sync
Continuity Detection, ColourComp, DDC/CI compatible, Direct
Brightness and Contrast, EcoModes, GammaComp (14-bit Look Up
Table and 16-bit processing), GB-R LED Backlight, Integrated USB
Hub (2 up; 3 down), Overdrive, Picture-in-Picture Mode, PiP/PbP,
Programmable 3D LUT, Quick release Stand and Handle, Rapid
Response Technology, RapidMotion, Self Diagnostics, TileComp,
TileMatrix, TORO™ Design, Windows 8 compatible
Energy Efficiency
Carbon Footprint Meter / Carbon Savings
Meter
Ecological
Materials
Efficient mechanical design for minimised
packaging; Minimal use of harmful material
Ecological
Standards
ErP compliant
Technical Specification NEC PA272W-BK
DISPLAY
Panel Technology
AH-IPS GB-R LED Backlight
Screen Size [inch/cm]
27 / 68.5
Screen Aspect Ratio
16:9
Brightness (typ.) [cd/m2]
340
Contrast Ratio (typ.)
1000:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
6 (grey-to-grey); 16 (8 white / black; 8 black / white)
Colours [Billion]
1.074 (10-bit per colour)
Colour Gamut Size / Coverage
108.6% / 99.3% Adobe RGB
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 96.5
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Optimum Resolution
2560 x 1440 at 60 Hz
Supported
2560 x 1440; 1920 x 1080p; 1600 x 1200; 1280 x 1440; 1280 x 1024; 1280 x 960;
1280 x 720p; 1200 x 1920; 1152 x 870; 1152 x 864; 1024 x 768; 832 x 624; 800 x
600; 720 x 576p; 720 x 480p; 720 x 400; 640 x 480; 640 x 480p
CONNECTIVITY
Digital
1 x HDMI; 1 x Mini DisplayPort; 1x DVI-D (Dual Link); 1 x DisplayPort
ELECTRICAL
Power Consumption on Mode [W]
50 (typ.); 37 (Eco Mode); 73 (max.)
Power Savings Mode [W]
1.4
Power Supply
100-240 V; 0.45 A/1 A; integrated power supply
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+5 to +35
Operating Humidity [%]
20 to 80
ERGONOMICS
Height adjustable stand [mm]
150; 150 (Landscape mode)
Screen Tilt / Swivel [°]
-5 to +30; -45 to +45
Screen Rotate [°]
0 to 90 (landscape to portrait mode)
MECHANICAL
Bezel Width [mm]
20.3 (left and right); 20 (top and bottom)
Dimensions (W x H x D) [mm]
640.4 x 396.2 - 546.2 x 235.5 (Landscape mode); Without stand: 640.4 x 378.6 x
85
Weight [kg]
12.9; Without stand: 8.9
VESA Mounting [mm]
100 x 100 (4 points); 200 x 100 (5 points)
ADDITIONAL FEATURES
Colour Versions
Black Front Bezel, Black Back Cabinet
Cable Management
yes
Kensington security slot
yes
Plug and Play
VESA DDC/CI; EDID Standard; VESA DDC2B
Adjust Functions
Advanced User Menu; Auto Adjust; Black Level; Brightness; Colour Temperature
Control; Contrast; Expansion Mode; Fine Adjust (analogue); Hotkeys; Intelligent
Power Management; Language Select; Monitor Information; OmniColour™: sRGB
and 6-axis-colour-control; On-Screen-Display (OSD) lock-out; PiP; Sharpness; USB
Shipping Content
Monitor; Power Cable; Sales Office List; User Manual
Signal Cable: Mini DisplayPort; DVI-D - DVI-D
Safety and Ergonomics
CE; ErP; TÜV Ergonomics; TÜV GS; C-tick; FCC Class B; PCT/Gost; UL/C-UL or
CSA; CCC; ISO 9241-307 (pixel failure class I); MPR II/ MPR III; PCBC/B-mark;
PSB; RoHS
Warranty
3 years conditional warranty


Numéro de pièce similaire - PA272W-BK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
PA2721AGR RENESAS-PA2721AGR_15 Datasheet
272Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
PA2721GR RENESAS-PA2721GR_15 Datasheet
280Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
logo
Pulse A Technitrol Comp...
PA2725NL PULSE-PA2725NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PA2729.113NL PULSE-PA2729.113NL Datasheet
503Kb / 2P
   Wire Wound
PA2729.113NL PULSE-PA2729.113NL Datasheet
503Kb / 2P
   SMT POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com