Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TNETV3525INECBB Fiches technique(PDF) 161 Page - Texas Instruments

No de pièce TNETV3525INECBB
Description  Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV3525INECBB Fiches technique(HTML) 161 Page - Texas Instruments

Back Button TNETV3525INECBB Datasheet HTML 157Page - Texas Instruments TNETV3525INECBB Datasheet HTML 158Page - Texas Instruments TNETV3525INECBB Datasheet HTML 159Page - Texas Instruments TNETV3525INECBB Datasheet HTML 160Page - Texas Instruments TNETV3525INECBB Datasheet HTML 161Page - Texas Instruments TNETV3525INECBB Datasheet HTML 162Page - Texas Instruments TNETV3525INECBB Datasheet HTML 163Page - Texas Instruments TNETV3525INECBB Datasheet HTML 164Page - Texas Instruments TNETV3525INECBB Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 265 page
background image
gpmc_clk
gpmc_ncsx
gpmc_a[10:1]
gpmc_nbe0_cle
gpmc_nbe1
gpmc_nadv_ale
gpmc_noe
gpmc_d[15:0]
gpmc_waitx
gpmc_io_dir
Valid Address
D0
D1
D2
D3
OUT
OUT
IN
OUT
F0
F12
F13
F13
F12
F4
F1
F1
F2
F6
F3
F7
F8
F8
F9
F10
F11
F21
F22
F6
F7
030-022
F23
F24
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3.
Figure 6-3. GPMC/NOR Flash – Synchronous Burst Read – 4x16-bit (GpmcFCLKDivider = 0)
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
161
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More