| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBC72 Fiches technique(PDF) 149 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 Fiches technique(HTML) 149 Page - Texas Instruments |
|
149 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 5-1. External Pins of 10-bit Video DAC (continued) PIN NAME I/O DESCRIPTION tv_out2 O TV analog output S-VIDEO DAC2 video output. An external resistor is connected between this node and tv_vfb2. The nominal value of ROUT2 is 1650 Ω. Finally, note that this is the output node that drives the load (75 Ω). tv_vref I Reference output voltage from internal A decoupling capacitor (CBG) needs to be connected for optimum bandgap performance. tv_vfb1 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out1. The nominal value of ROUT1 is 1650 Ω (1%). tv_vfb2 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out2. The nominal value of ROUT2 is 1650 Ω (1%). Copyright © 2008–2013, Texas Instruments Incorporated VIDEO DAC SPECIFICATIONS 149 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |