| Moteur de recherche de fiches techniques de composants électroniques |
|
OMAP3530ECBBALPD Fiches technique(PDF) 168 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBALPD Fiches technique(HTML) 168 Page - Texas Instruments |
|
168 / 265 page ![]() GPMC_FCLK gpmc_clk gpmc_ncsx gpmc_a[10:1] gpmc_nbe0_cle gpmc_nbe1 gpmc_nadv_ale gpmc_noe gpmc_d[15:0] gpmc_waitx gpmc_io_dir Address0 Address1 Valid Valid Valid Valid DataUpper OUT OUT IN OUT IN FA9 FA10 FA3 FA9 FA3 FA13 FA13 FA1 FA1 FA4 FA4 FA12 FA12 FA10 FA0 FA0 FA16 FA0 FA0 FA10 FA10 FA5 FA5 030-027 FA15 FA15 FA14 FA14 OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Figure 6-8. GPMC/NOR Flash – Asynchronous Read – 32-bit Timing(1) (2) (3) (1) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. (2) FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bit field. (3) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. 168 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |