Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411RET6 Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce STM32F411RET6
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET6 Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button STM32F411RET6 Datasheet HTML 125Page - STMicroelectronics STM32F411RET6 Datasheet HTML 126Page - STMicroelectronics STM32F411RET6 Datasheet HTML 127Page - STMicroelectronics STM32F411RET6 Datasheet HTML 128Page - STMicroelectronics STM32F411RET6 Datasheet HTML 129Page - STMicroelectronics STM32F411RET6 Datasheet HTML 130Page - STMicroelectronics STM32F411RET6 Datasheet HTML 131Page - STMicroelectronics STM32F411RET6 Datasheet HTML 132Page - STMicroelectronics STM32F411RET6 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 149 page
background image
DocID026289 Rev 6
129/149
STM32F411xC STM32F411xE
Package information
141
Device marking for UFQFPN48
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which depend on supply chain operations, are
not indicated below.
Figure 51. UFQFPN48 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More