Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F411CEU6U Fiches technique(PDF) 146 Page - STMicroelectronics

No de pièce STM32F411CEU6U
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411CEU6U Fiches technique(HTML) 146 Page - STMicroelectronics

Back Button STM32F411CEU6U Datasheet HTML 141Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 142Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 143Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 144Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 145Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 146Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 147Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 148Page - STMicroelectronics STM32F411CEU6U Datasheet HTML 149Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
Application block diagrams
STM32F411xC STM32F411xE
146/149
DocID026289 Rev 6
B.3
Batch Acquisition Mode (BAM) example
Data is transferred through the DMA from interfaces into the internal SRAM while the rest of
the MCU is set in low power mode.
•
Code execution from RAM before switching off the Flash.
•
Flash is set in power down and flash interface (ART™ accelerator) clock is stopped.
•
The clocks are enabled only for the required interfaces.
•
MCU core is set in sleep mode (core clock stopped waiting for interrupt).
•
Only the needed DMA channels are enabled and running.
Figure 65. Batch Acquisition Mode (BAM) example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More