Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT89C51CC03C-RDTIM Fiches technique(PDF) 114 Page - ATMEL Corporation

No de pièce AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Fiches technique(HTML) 114 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 195 page
background image
114
AT89C51CC03
4182I–CAN–06/05
Table 58. CANIE1 Register
CANIE1 (S:C2h)
CAN Enable Interrupt Message Object Registers 1
Reset Value = x000 0000b
Table 59. CANIE2 Register
CANIE2 (S:C3h)
CAN Enable Interrupt Message Object Registers 2
Reset Value = 0000 0000b
76
543
210
-
IECH14
IECH13
IECH12
IECH11
IECH10
IECH9
IECH8
Bit
Number
Bit Mnemonic Description
7-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
6-0
IECH14:8
Enable interrupt by Message Object
0 - disable IT.
1 - enable IT.
IECH14:8 = 0b 0000 1100 -> Enable IT’s of message objects 11 and 10.
see Figure 50.
76
543
210
IECH 7
IECH 6
IECH 5
IECH 4
IECH 3
IECH 2
IECH 1
IECH 0
Bit
Number
Bit Mnemonic Description
7-0
IECH7:0
Enable interrupt by Message Object
0 - disable IT.
1 - enable IT.
IECH7:0 = 0b 0000 1100 -> Enable IT’s of message objects 3 and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More