| Moteur de recherche de fiches techniques de composants électroniques |
|
AT89C51CC03C-RDTIM Fiches technique(PDF) 101 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM Fiches technique(HTML) 101 Page - ATMEL Corporation |
|
101 / 195 page ![]() 101 AT89C51CC03 4182I–CAN–06/05 Data and Remote Frame Description of the different steps for: • Data Frame • Remote Frame, With Automatic Reply, • Remote Frame u u u u u 0 1 x 0 0 u u u u u 0 1 x 0 0 c u c u u 0 0 x 1 0 u c c u u 0 0 x 0 1 DAT A FR AME Node A Node B message object in reception message object disabled message object in message object disabled transmission u u u u u 1 1 x 0 0 c u u u c 0 1 x 1 0 u c c u u 0 0 x 0 1 REM OTE FRA ME DAT A F RAM E u u u u u 1 1 1 0 0 u u u c c 0 1 0 0 0 c u c c u 0 0 0 1 0 (imm edia te) message object in reception message object in transmission message object disabled message object in message object in reception by CAN by CAN controller transmission controller message object disabled u u u u u 1 1 x 0 0 u u u u u 1 1 0 0 0 c u u u c 0 1 x 1 0 u c c u u 1 0 0 0 1 REM OTE FRA ME u u u u u 0 1 x 0 0 c u c u u 0 0 x 1 0 u c c u c 0 0 x 0 1 DA TA FR AM E (de fer red ) u : modified by user i c : modified by CAN i message object in reception message object in transmission by user message object disabled message object disabled message object in message object in message object disabled reception by user transmission |