Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSCW455A Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce NSCW455A
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NSCW455A Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSCW455A Datasheet HTML 5Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 6Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 7Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 8Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 9Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 10Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 11Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 12Page - List of Unclassifed Manufacturers NSCW455A Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
0° 10°
20°
30°
40°
50°
60°
70°
80°
90°
■ 指向特性 (NSCW455A)
放射角度
1.0
0.5
0
1.0
30°
60°
90°
0.5
-30℃
0℃
25℃
50℃
85℃
1mA
20mA
50mA
100mA
5mA
0.29 0.30 0.31
0.32 0.33 0.34
0.35
0.34
0.33
0.31
0.30
0.32
■ 順電流-色度特性
x
■ 周囲温度-色度特性
x
0.35
0.33
0.30
0.34
0.32
0.31
■ 発光スペクトル
波長 λ (nm)
350
450
550
750
650
1.2
1.0
0.8
0.4
0.2
0
0.6
0.29 0.30 0.31
0.32 0.33 0.34
Ta=25℃
IFP=20mA
Ta=25℃
IF=20mA
Ta=25℃
IF=20mA
日亜化学工業 (株)
NSCW455A
標準初期電気
/光学特性
型 名
名 称
030806313481
管理番号


Numéro de pièce similaire - NSCW455A

FabricantNo de pièceFiches techniqueDescription
logo
NICHIA CORPORATION
NSCW455AT NICHIA-NSCW455AT Datasheet
284Kb / 13P
TYPE WHITE LED
More results

Description similaire - NSCW455A

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
HB Electronic Component...
330IB7C HB-330IB7C Datasheet
210Kb / 3P
LED
330LW7C HB-330LW7C Datasheet
284Kb / 4P
LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com