Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14499P Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC14499P
Description  7-Segment LED Display Decoder/Driver with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14499P Fiches technique(HTML) 1 Page - Motorola, Inc

  MC14499P Datasheet HTML 1Page - Motorola, Inc MC14499P Datasheet HTML 2Page - Motorola, Inc MC14499P Datasheet HTML 3Page - Motorola, Inc MC14499P Datasheet HTML 4Page - Motorola, Inc MC14499P Datasheet HTML 5Page - Motorola, Inc MC14499P Datasheet HTML 6Page - Motorola, Inc MC14499P Datasheet HTML 7Page - Motorola, Inc MC14499P Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC14499
MOTOROLA
1
7-Segment LED Display
Decoder/Driver
with Serial Interface
CMOS
The MC14499 is a 7–segment alphanumeric LED decoder/driver with a serial
interface port to provide communication with CMOS microprocessors and
microcomputers. This device features NPN output drivers which allow
interfacing to common cathode LED displays through external series resistors.
• High–Current Segment Drivers On–Chip
• CMOS MPU compatible Input Levels
• Wide Operating Voltage Range: 4.5 to 6.5 V
• Operating Temperature Range: 0 to 70°C
• Drives Four Characters with Decimal Points
• Also See MC14489
16–BIT SHIFT REGISTER
BLOCK DIAGRAM
CLK
ENB
DATA
OSC
B 4
MULTIPLEXER
2:1
MUX
SEGMENT
DECODER
DECODER
SCANNER
BUFFERS
SEGMENT
DRIVERS
4 BITS
D20
C
Q5
C
4
4
4
4
4
4
A
B
7
DECIMAL
POINT
* Transparent Latch
LATCH
4
4
4
4
Q1
D4
C
LATCH
C
OSCILLATOR
MUX
h
g
f
e
d
c
b
a
I
II
III
IV
4 BITS
Q
D
C*
Order this document
by MC14499/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14499
P SUFFIX
PLASTIC DIP
CASE 707
DW SUFFIX
SOG PACKAGE
CASE 751D
ORDERING INFORMATION
MC14499P
Plastic DIP
MC14499DW
SOG Package
PIN ASSIGNMENTS
PLASTIC DIP
DATA
b
c
d
VSS
III
IV
OSC
a
g
f
e
VDD
II
I
ENB
CLK
h
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
NC
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
SOG PACKAGE
NC
c
d
DATA
b
VSS
III
IV
OSC
a
g
f
e
VDD
II
I
ENB
CLK
h
18
1
NC = NO CONNECTION
20
1
© Motorola, Inc. 1995
SAME AS IN DL130/D R1


Numéro de pièce similaire - MC14499P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490 Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DW ONSEMI-MC14490DW Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490DW ONSEMI-MC14490DW Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Description similaire - MC14499P

FabricantNo de pièceFiches techniqueDescription
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
7-Segment Decoder Driver
logo
List of Unclassifed Man...
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Motorola, Inc
SN54LS47 MOTOROLA-SN54LS47 Datasheet
105Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
National Semiconductor ...
DS7880 NSC-DS7880 Datasheet
139Kb / 6P
High Voltage 7-Segment Decoder/Driver
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
BCD TO 7-SEGMENT DECODER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com