Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14499P Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC14499P
Description  7-Segment LED Display Decoder/Driver with Serial Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14499P Fiches technique(HTML) 6 Page - Motorola, Inc

  MC14499P Datasheet HTML 1Page - Motorola, Inc MC14499P Datasheet HTML 2Page - Motorola, Inc MC14499P Datasheet HTML 3Page - Motorola, Inc MC14499P Datasheet HTML 4Page - Motorola, Inc MC14499P Datasheet HTML 5Page - Motorola, Inc MC14499P Datasheet HTML 6Page - Motorola, Inc MC14499P Datasheet HTML 7Page - Motorola, Inc MC14499P Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14499
MOTOROLA
6
Figure 6. Application Example
CLK
ENB
DATA
OSC
SEGMENT
OUTPUTS
(7)
C
h
g
f
e
d
c
b
a
I
II
III
IV
GND
DIGIT
OUTPUTS
(4)
Q1
Q2
Q3
Q4
ID
IS
R1 – R8
#1
#2
R1 – R8:
36 – 82
C:
0.015
µF
VDD Typ:
5 – 6 V
IS max:
40 – 50 mA
ID max:
8 IS max
#3
#4
VDD
MC14499
.
.
.


Numéro de pièce similaire - MC14499P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490 ONSEMI-MC14490 Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DW ONSEMI-MC14490DW Datasheet
234Kb / 12P
Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
MC14490DW ONSEMI-MC14490DW Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Description similaire - MC14499P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS47 MOTOROLA-SN54LS47 Datasheet
105Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
List of Unclassifed Man...
TOS5121 ETC-TOS5121 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
logo
TEMIC Semiconductors
U143M TEMIC-U143M Datasheet
70Kb / 4P
7-Segment Decoder Driver
logo
National Semiconductor ...
DS7880 NSC-DS7880 Datasheet
139Kb / 6P
High Voltage 7-Segment Decoder/Driver
logo
List of Unclassifed Man...
TOS3104 ETC-TOS3104 Datasheet
43Kb / 1P
7 SEGMENT LED DISPLAY
TOS5161 ETC-TOS5161 Datasheet
45Kb / 1P
7 SEGMENT LED DISPLAY
logo
National Semiconductor ...
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
BCD TO 7-SEGMENT DECODER / DRIVER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
logo
List of Unclassifed Man...
TOS8102 ETC2-TOS8102 Datasheet
48Kb / 1P
7 SEGMENT LED DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com