| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN89730 Fiches technique(PDF) 190 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 Fiches technique(HTML) 190 Page - Microchip Technology |
|
190 / 218 page ![]() LAN89730 DS60001348A-page 190 2013-2015 Microchip Technology Inc. 6.5.13 INTERRUPT SOURCE FLAG REGISTER Index (In Decimal): 29 Size: 16 bits Bits Description Type Default 15:8 RESERVED RO - 7 INT7 0 = Not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = Not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = Not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = Not source of interrupt 1 = Link Down (link status negated) RO/LH 0b 3 INT3 0 = Not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = Not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = Not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |