| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN89730 Fiches technique(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN89730 Fiches technique(HTML) 106 Page - Microchip Technology |
|
106 / 218 page ![]() LAN89730 DS60001348A-page 106 2013-2015 Microchip Technology Inc. FIGURE 4-31: DETAILED GPIOS 0-6 WAKE DETECTION LOGIC Note: The IME bit is in the Hardware Configuration Register (HW_CFG). General Purpose IO Configuration Reg- ister (GPIO_CFG) and General Purpose IO Wake Enable and Polarity Register (GPIO_WAKE) must be set accordingly. Diagram does not represent actual hardware implementation. FIGURE 4-32: DETAILED GPIO7 WAKE DETECTION LOGIC GPIOn_INT clear GPIOn GPIOPOLn Latch GPIODIRn GPIODn GPIOENn GPIOWKn GPIOn_DET IME GPIO7_INT clear GPIO7 GPIOPOL7 Latch GPIODIR7 GPIOD7 GPIOEN7 GPIOWK7 IME 0 1 0 1 GPIO7_DET SUSPEND0 SUSPEND3 PHY_LINK_EN PHY_LINK_UP |