Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR8020 Fiches technique(PDF) 3 Page - GeneSiC Semiconductor, Inc.

No de pièce MBR8020
Description  Not ESD Sensitive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR8020 Fiches technique(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  MBR8020 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR8020 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR8020 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package dimensions and terminal configuration
Product is marked with part number and terminal configuration.
MBR8020 thru MBR8040R
DO- 5 (DO-203AB)
J
K
G
F
A
E
D
P
N
B
C
M
Inches
Millimeters
Min
Max
Min
Max
A
1/4 –28 UNF
B
0.669
0.687
17.19
17.44
C
-----
0.794
-----
20.16
D
-----
1.020
-----
25.91
E
0.422
0.453
10.72
11.50
F
0.115
0.200
2.93
5.08
G
-----
0.460
-----
11.68
J
-----
0.280
-----
7.00
K
0.236
-----
6.00
-----
M
-----
0.589
-----
14.96
N
-----
0.063
-----
1.60
P
0.140
0.175
3.56
4.45
www.genesicsemi.com/silicon-products/schottky-rectifiers/
3


Numéro de pièce similaire - MBR8020

FabricantNo de pièceFiches techniqueDescription
logo
TRANSYS Electronics Lim...
MBR8020 TEL-MBR8020 Datasheet
122Kb / 2P
SCHOTTKY DIODES STUD TYPE 80 A
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
logo
America Semiconductor, ...
MBR8020 AMERICASEMI-MBR8020 Datasheet
569Kb / 2P
HIGH POWER-SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR8020 GENESIC-MBR8020 Datasheet
654Kb / 3P
Silicon Power Schottky Diode
logo
Thinki Semiconductor Co...
MBR80200PT THINKISEMI-MBR80200PT Datasheet
3Mb / 3P
80Ampere Heatsink Dual Common Cathode Schottky Barrier Rectifier Diodes
Rev.14T
More results

Description similaire - MBR8020

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
MBR3545 GENESIC-MBR3545 Datasheet
781Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com