Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR7545 Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce MBR7545
Description  Not ESD Sensitive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR7545 Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR7545 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR7545 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR7545 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 45 V - 100 V
IF(AV) = 75 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
MBR7545(R) MBR7560(R)
Unit
Repetitive peak reverse voltag
VRRM
45
60
V
RMS reverse voltage
VRMS
32
42
V
DC blocking voltage
VDC
45
60
V
• Types from 45 V to 100 V VRRM
Conditions
100
70
100
80
MBR7545 thru MBR75100R
MBR75100(R)
80
50
MBR7580(R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
Silicon Power
Schottky Diode
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
45
60
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
MBR7545(R) MBR7560(R)
Unit
Average forward current (per
pkg)
IF(AV)
75
75
A
Maximum forward voltage
(per leg)
0.75
0.78
11
10
10
20
20
Thermal characteristics
Thermal resistance, junction-
case (per leg)
R
ΘJC
0.6
0.6
°C/W
Inch ponds
(in-pb)
Mounting torque
30
30
30
30
TC = 125 °C
75
75
Peak forward surge current
(per leg)
IFSM
tp = 8.3 ms, half sine
1000
1000
1000
1000
A
Tj = 100 °C
10
10
-55 to 150
100
80
-55 to 150
MBR75100(R)
11
MBR7580(R)
0.6
Tj = 150 °C
0.6
0.84
0.84
20
mA
V
Tj = 25 °C
IFM = 75 A, Tj = 25 °C
Conditions
-55 to 150
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Maximum instantaneous
reverse current at rated DC
blocking voltage (per leg)
IR
VF
20
-55 to 150
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Numéro de pièce similaire - MBR7545

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
MBR7545 IRF-MBR7545 Datasheet
26Kb / 3P
SCHOTTKY RECTIFIER
logo
TRANSYS Electronics Lim...
MBR7545 TEL-MBR7545 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Naina Semiconductor ltd...
MBR7545 NAINA-MBR7545 Datasheet
123Kb / 2P
Schottky Power Diode, 75A
logo
Digitron Semiconductors
MBR7545 DIGITRON-MBR7545 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MBR7545 NJSEMI-MBR7545 Datasheet
78Kb / 2P
SCHOTTKY RECTIFIER
More results

Description similaire - MBR7545

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
MBR3545 GENESIC-MBR3545 Datasheet
781Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com