Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X2N4117-19-A Fiches technique(PDF) 1 Page - Calogic, LLC

No de pièce X2N4117-19-A
Description  N-Channel JFET General Purpose Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CALOGIC [Calogic, LLC]
Site Internet  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

X2N4117-19-A Fiches technique(HTML) 1 Page - Calogic, LLC

  X2N4117-19-A Datasheet HTML 1Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-Channel JFET
General Purpose Amplifier
2N4117 – 2N4119 / 2N4117A – 2N4119A
PN4117 – PN4119 / PN4117A – PN4119A / SST4117 – SST4119
FEATURES
•• Low Leakage
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise noted)
Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -40V
Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +175oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW
Derate above 25
oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
2N4117-19/A Hermetic TO-72
-55
oC to +175oC
PN4117-19/A Plastic TO-92
-55
oC to +135oC
SST4117-19
Plastic SOT-23
-55
oC to +135oC
X2N4117-19/A Sorted Chips in Carriers
-55
oC to +175oC
LLC
PIN CONFIGURATION
TO-72
G
D
C
S
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
4117/A
4118/A
4119/A
UNITS
TEST CONDITIONS
MIN MAX MIN MAX MIN MAX
BVGSS
Gate-Source Breakdown Voltage
-40
-40
-40
V
IG = -1
µA, VDS = 0
IGSS
Gate Reverse Current
-10
-10
-10
pA
A devices
-1
-1
-1
VGS = -20V, VDS = 0
-25
-25
-25
nA
TA = +150
oC
A devices
-2.5
-2.5
-2.5
VGS(off)
Gate-Source Pinch-Off Voltage
-0.6
-1.8
-1
-3
-2
-6
V
VDS = 10V, ID = 1nA
IDSS
Drain Current at Zero Gate Voltage (Note 1)
0.02 0.09 0.08 0.24 0.20 0.60
mA
VDS = 10V, VGS = 0
gfs
Common-Source Forward Transconductance (Note 1)
7021080250
100
330
µS
VDS = 10V, f = 1kHz
gfs
Common-Source Forward Transconductance (Note 2)
60
70
90
VGS = 0, f = 30MHz
gos
Common-Source Output Conductance
35
10
VDS = 10V, VGS = 0, f = 1kHz
Ciss
Common-Source Input Capacitance (Note 2)
333
pF
VDS = 10V, VGS = 0,
f = 1MHz
Crss
Common-Source Reverse Transfer Capacitance (Note 2)
1.5
1.5
1.5
VDS = 10V, VGS = 0,
f = 1MHz
NOTES: 1. Pulse test: Pulse duration of 2ms used during test.
2. For design reference only, not 100% tested.
D S
G
TO - 92
SOT-23
G
S
D
PRODUCT MARKING (SOT-23)
SST4117
T17
SST4118
T18
SST4119
T19
5007
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539 510-656-2900 PHONE, 510-651-1076 FAX
DS0003 REV A


Numéro de pièce similaire - X2N4117-19-A

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
X2N4091 NJSEMI-X2N4091 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
X2N4092 NJSEMI-X2N4092 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
X2N4093 NJSEMI-X2N4093 Datasheet
162Kb / 1P
N-CHANNEL JFET SWITCH
logo
Calogic, LLC
X2N4220 CALOGIC-X2N4220 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
X2N4221 CALOGIC-X2N4221 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
More results

Description similaire - X2N4117-19-A

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
J201 CALOGIC-J201 Datasheet
20Kb / 1P
N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201_15 Datasheet
28Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4117 CALOGIC-2N4117 Datasheet
21Kb / 1P
N-Channel JFET General Purpose Amplifier
2N4220 CALOGIC-2N4220_15 Datasheet
67Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
logo
Intersil Corporation
2N5452 INTERSIL-2N5452 Datasheet
65Kb / 2P
DUAL N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N5452 NJSEMI-2N5452 Datasheet
82Kb / 2P
Dual N-Channel JFET General Purpose Amplifier
logo
Calogic, LLC
2N5457 CALOGIC-2N5457 Datasheet
17Kb / 1P
N-Channel JFET General Purpose Amplifier/Switch
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Intersil Corporation
2N5902 INTERSIL-2N5902 Datasheet
68Kb / 2P
MONOLITHIC DUAL N CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N3921 NJSEMI-2N3921 Datasheet
74Kb / 2P
Monolithic Dual N-Channel JFET General Purpose Amplifier
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com