Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F413CG Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce STM32F413CG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CG Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button STM32F413CG Datasheet HTML 100Page - STMicroelectronics STM32F413CG Datasheet HTML 101Page - STMicroelectronics STM32F413CG Datasheet HTML 102Page - STMicroelectronics STM32F413CG Datasheet HTML 103Page - STMicroelectronics STM32F413CG Datasheet HTML 104Page - STMicroelectronics STM32F413CG Datasheet HTML 105Page - STMicroelectronics STM32F413CG Datasheet HTML 106Page - STMicroelectronics STM32F413CG Datasheet HTML 107Page - STMicroelectronics STM32F413CG Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 207 page
background image
Electrical characteristics
STM32F413xG/H
104/207
DocID029162 Rev 2
APB1
AHB-APB1 bridge
0.90
0.88
0.81
µA/MHz
TIM2
13.08
12.48
11.16
TIM3
9.98
9.50
8.50
TIM4
9.88
9.43
8.44
TIM5
13.14
12.52
11.19
TIM6
1.94
1.86
1.66
TIM7
1.86
1.79
1.56
TIM12
5.56
5.29
4.72
TIM13
3.44
3.29
2.94
TIM14
3.66
3.48
3.09
LPTIM1
7.34
7.00
6.25
WWDG
0.64
0.62
0.53
SPI2/I2S2
3.02
2.88
2.56
SPI3/I2S3
3.06
2.90
2.59
USART2
3.30
3.14
2.81
USART3
3.32
3.14
2.81
UART4
3.18
3.02
2.69
UART5
3.26
3.10
2.75
I2C1
3.20
3.05
2.72
I2C2
3.30
3.14
2.81
I2C3
3.26
3.10
2.78
I2CFMP1
5.22
4.98
4.44
CAN1
5.58
5.31
4.75
CAN2
5.14
4.88
4.38
CAN3
5.70
5.43
4.84
PWR
0.90
0.86
0.75
DAC1
2.14
2.05
1.81
UART7
3.08
2.93
2.59
UART8
3.10
2.95
2.63
Table 38. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More