Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR60030CTL Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce MBR60030CTL
Description  Not ESD Sensitive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR60030CTL Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR60030CTL Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR60030CTL Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR60030CTL Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 30 V
IF(AV) = 600 A
Features
• High Surge Capability
Twin Tower Package
• Type 30 V VRRM
• Not ESD Sensitive
Parameter
MBR60030CT(R)L Unit
30
V
21
V
30
V
Conditions
Symbol
VRRM
VRMS
V
Maximum recurrent peak reverse voltage
Maximum RMS voltage
M i
DC bl ki
lt
Low VF Silicon Power
Schottky Diode
MBR60030CT(R)L
Maximum ratings, at Tj = 25 °C, unless otherwise specified ("R" devices have leads reversed)
30
V
-55 to 150
°C
-55 to 150
°C
Parameter
MBR60030CT(R)L Unit
600
A
4000
A
0.58
3
250
Thermal characteristics
Maximum thermal resistance,
junction - case
(per leg)
0.28
°C/W
Maximum instantaneous forward voltage (per
leg)
Maximum instantaneous reverse
current at rated DC blocking voltage
(per leg)
IR
Tj = 100 °C
tp = 8.3 ms, half sine
IFSM
Peak forward surge current
(per leg)
IFM = 300 A, Tj = 25 °C
Tj = 25 °C
VF
Storage temperature
TC = 100 °C
VDC
Tj
Average forward current (per pkg)
IF(AV)
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
Conditions
Tstg
Symbol
Maximum DC blocking voltage
mA
V
R
ΘJC
Operating temperature
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Numéro de pièce similaire - MBR60030CTL

FabricantNo de pièceFiches techniqueDescription
logo
America Semiconductor, ...
MBR60030CT AMERICASEMI-MBR60030CT Datasheet
593Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR60030CT GENESIC-MBR60030CT Datasheet
718Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
MBR60030CTR TEL-MBR60030CTR Datasheet
132Kb / 2P
SCHOTTKY DIODES MODULE TYPE 600A
logo
America Semiconductor, ...
MBR60030CTR AMERICASEMI-MBR60030CTR Datasheet
593Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
GeneSiC Semiconductor, ...
MBR60030CTR GENESIC-MBR60030CTR Datasheet
718Kb / 3P
Silicon Power Schottky Diode
More results

Description similaire - MBR60030CTL

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
314Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
MBR3545 GENESIC-MBR3545 Datasheet
781Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com