Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR2X160A120 Fiches technique(PDF) 1 Page - GeneSiC Semiconductor, Inc.

No de pièce MBR2X160A120
Description  Not ESD Sensitive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR2X160A120 Fiches technique(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  MBR2X160A120 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR2X160A120 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR2X160A120 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 120 V
Module Type 320 A
IF(AV) = 320 A
Features
• High Surge Capability
• Type 120 V VRRM
• Isolation Type Package
SOT-227 Package
• Electrically Isolated Base Plate
• Not ESD Sensitive
Parameter
Symbol
Value
Unit
Maximum recurrent peak reverse voltage
VRRM
120
V
Maximum DC blocking voltage
VDC
120
V
Conditions
MBR2X160A120
Maximum ratings
Schottky Rectifier
Maximum DC blocking voltage
VDC
120
V
Maximum RMS Voltage
VRMS
84
V
Operating temperature
Tj
-40 to 150
°C
Storage temperature
Tstg
-40 to 150
°C
Parameter
Symbol
Value
Unit
Average forward current
(per pkg)
IF(AV)
320
A
Peak forward surge current
(per leg)
IFSM
2000
A
0.88
V
0.80
V
3mA
10
mA
30
mA
Isolation voltage
ViSO
2500
V
Thermal characteristics
* Pulse Test: Pulse width 300 µs, Duty < 2 %
Electrical characteristics at 25 °C, unless otherwise specified
Conditions
Tj = 25 °C
8.3 ms, half sine
TC = 110 °C
Maximum thermal resistance junction to case
(per leg)
R
Θjc
°C/W
Tj = 150 °C
0.30
IFM = 160 A, Tj = 125 °C
Maximum instantaneous reverse current at
rated DC blocking voltage (per leg)
IR
Maximum instantaneous forward voltage*
(per leg)
IFM = 160 A, Tj = 25 °C
VF
Tj = 100 °C
A.C. 1 minute
www.genesicsemi.com/silicon-products/schottky-rectifiers/
1


Numéro de pièce similaire - MBR2X160A120

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
MBR2X160A120 GENESIC-MBR2X160A120 Datasheet
652Kb / 3P
Schottky Rectifier Module
MBR2X160A120 GENESIC-MBR2X160A120_18 Datasheet
652Kb / 3P
Schottky Rectifier Module
More results

Description similaire - MBR2X160A120

FabricantNo de pièceFiches techniqueDescription
logo
GeneSiC Semiconductor, ...
1N5829 GENESIC-1N5829 Datasheet
846Kb / 3P
Not ESD Sensitive
MBR2X050A060 GENESIC-MBR2X050A060 Datasheet
312Kb / 3P
Not ESD Sensitive
MBR30020CTL GENESIC-MBR30020CTL Datasheet
447Kb / 3P
Not ESD Sensitive
MBR7520 GENESIC-MBR7520 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
MBR2X060A120 GENESIC-MBR2X060A120 Datasheet
394Kb / 3P
Not ESD Sensitive
MBR8020 GENESIC-MBR8020 Datasheet
367Kb / 3P
Not ESD Sensitive
MBR60035CTL GENESIC-MBR60035CTL Datasheet
429Kb / 3P
Not ESD Sensitive
MBR3545 GENESIC-MBR3545 Datasheet
781Kb / 3P
Not ESD Sensitive
MBR60030CTL GENESIC-MBR60030CTL Datasheet
447Kb / 3P
Not ESD Sensitive
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com