Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BV Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BC847BV
Description  DUAL TRANSISTOR(NPN NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BC847BV Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BC847BV Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847BV Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BC847BV Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-563 Plastic-Encapsulate Transistors
BC847BV DUAL TRANSISTOR(NPN+NPN)
FEATURES
Epitaxial Die Construction
Complementary PNP Type Available
(BC857BV)
Ultra-Small Surface Mount Package
Marking: K4V
MAXIMUM RATINGS(
Ta=25 unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
45
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
0.1
A
PC
Collector Power Dissipation
0.15
W
RθJA
Thermal Resistance. Junction to Ambient Air
833
℃/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=10mA,IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1μA,IC=0
6
V
Collector cut-off current
ICBO
VCB=30V,IE=0
15
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
DC current gain
hFE(1)
VCE=5V,IC=2mA
200
450
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
100
300
mV
Base-emitter saturation voltage
VBE(sat)
IC=10mA,IB=0.5mA
IC=100mA,IB=5mA
700
900
mV
Base-emitter voltage
VBE
VCE=5V,IC=2mA
VCE=5V,IC=10mA
580
660
700
770
mV
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
100
MHz
Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
4.5
pF
Noise Figure
NF
VCE=5V,Rs=2
KΩ,
f=1kHz,BW=200Hz
10
dB
SOT-563
JC T
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
C,May,2015


Numéro de pièce similaire - BC847BV

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC847BV DIODES-BC847BV Datasheet
83Kb / 3P
NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30432 Rev. 2 - 2
logo
NXP Semiconductors
BC847BV PHILIPS-BC847BV Datasheet
115Kb / 15P
NPN/NPN matched double transistors
Rev. 05-27 June 2006
BC847BV NXP-BC847BV Datasheet
130Kb / 8P
NPN general purpose double transistor
2001 Sep 10
logo
Micro Commercial Compon...
BC847BV MCC-BC847BV Datasheet
165Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BC847BV SECOS-BC847BV Datasheet
645Kb / 2P
Plastic-Encapsulate Transistors
More results

Description similaire - BC847BV

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com