Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9164 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce RT9164
Description  1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

RT9164 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9164 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RT9164
DS9164-08 May 2001
www.richtek-ic.com.tw
5
Typical Operating Characteristics
Load Regulation
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
-50
-25
0
25
50
75
100
125
Temperature ( C)
∆Load = 1A
°
Adjust Pin Current
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
Dropout Voltage (VIN-VOUT)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
Output Current (mA)
TJ = 25
°C
TJ = 125
°C
Short-Circuit Current
0.0
0.5
1.0
1.5
2.0
2.5
02.5
57.5
10
Input/Output Differential (V)
TJ = 125
°C
TJ = 25
°C
RT9164-ADJ Ripple Rejection
-100
-80
-60
-40
-20
0
Frequency (Hz)
COUT = 20
µF Tantalum
CADJ = 22
µF Electrolytic
IOUT = 0.5A
10
100
1K
10K
100K
Ripple Rejection & Current
-100
-90
-80
-70
-60
-50
-40
-30
-20
ILOAD (mA)
fRIPPLE = 20KHz
fRIPPLE = 120Hz
COUT = 20
µF Tantalum
CADJ = 22
µF Electrolytic
0
200
400
600
800


Numéro de pièce similaire - RT9164

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GG RICHTEK-RT9164A-15GG Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GL RICHTEK-RT9164A-15GL Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GLR RICHTEK-RT9164A-15GLR Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
RT9164A-15GM RICHTEK-RT9164A-15GM Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results

Description similaire - RT9164

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com