Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072xB Fiches technique(PDF) 125 Page - STMicroelectronics

No de pièce STM32L072xB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072xB Fiches technique(HTML) 125 Page - STMicroelectronics

Back Button STM32L072xB Datasheet HTML 121Page - STMicroelectronics STM32L072xB Datasheet HTML 122Page - STMicroelectronics STM32L072xB Datasheet HTML 123Page - STMicroelectronics STM32L072xB Datasheet HTML 124Page - STMicroelectronics STM32L072xB Datasheet HTML 125Page - STMicroelectronics STM32L072xB Datasheet HTML 126Page - STMicroelectronics STM32L072xB Datasheet HTML 127Page - STMicroelectronics STM32L072xB Datasheet HTML 128Page - STMicroelectronics STM32L072xB Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 147 page
background image
DocID027100 Rev 3
125/147
STM32L072xx
Package information
144
Device marking for LQFP64
The following figure gives an example of topside marking versus pin 1 position identifier
location.
Figure 47. LQFP64 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More