Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RE Fiches technique(PDF) 173 Page - STMicroelectronics

No de pièce STM32F412RE
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RE Fiches technique(HTML) 173 Page - STMicroelectronics

Back Button STM32F412RE Datasheet HTML 169Page - STMicroelectronics STM32F412RE Datasheet HTML 170Page - STMicroelectronics STM32F412RE Datasheet HTML 171Page - STMicroelectronics STM32F412RE Datasheet HTML 172Page - STMicroelectronics STM32F412RE Datasheet HTML 173Page - STMicroelectronics STM32F412RE Datasheet HTML 174Page - STMicroelectronics STM32F412RE Datasheet HTML 175Page - STMicroelectronics STM32F412RE Datasheet HTML 176Page - STMicroelectronics STM32F412RE Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 193 page
background image
DocID028087 Rev 4
173/193
STM32F412xE/G
Package information
190
Device marking for LQFP100
The following figure gives an example of topside marking and pin 1 position identifier
location.
Figure 71. LQFP100 marking example (package top view)
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
Samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More