Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3L48 Fiches technique(PDF) 117 Page - STMicroelectronics

No de pièce STM8AL3L48
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L48 Fiches technique(HTML) 117 Page - STMicroelectronics

Back Button STM8AL3L48 Datasheet HTML 113Page - STMicroelectronics STM8AL3L48 Datasheet HTML 114Page - STMicroelectronics STM8AL3L48 Datasheet HTML 115Page - STMicroelectronics STM8AL3L48 Datasheet HTML 116Page - STMicroelectronics STM8AL3L48 Datasheet HTML 117Page - STMicroelectronics STM8AL3L48 Datasheet HTML 118Page - STMicroelectronics STM8AL3L48 Datasheet HTML 119Page - STMicroelectronics STM8AL3L48 Datasheet HTML 120Page - STMicroelectronics STM8AL3L48 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
DocID18474 Rev 7
117/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Package information
123
Figure 48. VFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch very thin profile fine pitch quad
flat package recommended footprint
1. Dimensions are expressed in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More