Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3L46 Fiches technique(PDF) 114 Page - STMicroelectronics

No de pièce STM8AL3L46
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L46 Fiches technique(HTML) 114 Page - STMicroelectronics

Back Button STM8AL3L46 Datasheet HTML 110Page - STMicroelectronics STM8AL3L46 Datasheet HTML 111Page - STMicroelectronics STM8AL3L46 Datasheet HTML 112Page - STMicroelectronics STM8AL3L46 Datasheet HTML 113Page - STMicroelectronics STM8AL3L46 Datasheet HTML 114Page - STMicroelectronics STM8AL3L46 Datasheet HTML 115Page - STMicroelectronics STM8AL3L46 Datasheet HTML 116Page - STMicroelectronics STM8AL3L46 Datasheet HTML 117Page - STMicroelectronics STM8AL3L46 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 124 page
background image
Package information
STM8AL313x/4x/6x STM8AL3L4x/6x
114/124
DocID18474 Rev 7
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 46. LQFP32 marking example (package top view)
1. Parts marked as “ES”,”E” or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST’s quality department must be contacted to run a qualification activity prior to any decision to
use these engineering samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More