Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3136 Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce STM8AL3136
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3136 Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button STM8AL3136 Datasheet HTML 116Page - STMicroelectronics STM8AL3136 Datasheet HTML 117Page - STMicroelectronics STM8AL3136 Datasheet HTML 118Page - STMicroelectronics STM8AL3136 Datasheet HTML 119Page - STMicroelectronics STM8AL3136 Datasheet HTML 120Page - STMicroelectronics STM8AL3136 Datasheet HTML 121Page - STMicroelectronics STM8AL3136 Datasheet HTML 122Page - STMicroelectronics STM8AL3136 Datasheet HTML 123Page - STMicroelectronics STM8AL3136 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 124 page
background image
Revision history
STM8AL313x/4x/6x STM8AL3L4x/6x
122/124
DocID18474 Rev 7
03-Mar-2014
5
Changed the document status to Datasheet - Production data to reflect
the device maturity.
Corrected the data memory size in the Features.
Updated the package assignment in Table 2: Medium-density
STM8AL313x/4x/6x and STM8AL3L4x/6x low-power device features
and peripheral counts
13-May-2015
6
Updated:
– the product names in the document headers and on the cover page,
– Section 1: Introduction,
– the captions of Figure 3: STM8AL31x8T 48-pin pinout (without LCD),
Figure 4: STM8AL3Lx8T 48-pin pinout (with LCD), Figure 5:
STM8AL31x6T 32-pin pinout (without LCD), Figure 6: STM8AL3Lx6T
32-pin pinout (with LCD),
– Table 6: Flash and RAM boundary addresses,
–ILEAK_HSE maximum value in Table 32: HSE oscillator
characteristics,ILEAK_LSE maximum value in Table 33: LSE oscillator
characteristics,
– Table 54, Table 57, Table 58, Table 59 with a footnote for Max values
not tested in production,
– Section 9.3.15: EMC characteristics,
– Section 10.2: LQFP48 package information,
– Section 10.3: LQFP32 package information,
– Figure 50: Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
ordering information scheme1.
Added:
– Figure 43: LQFP48 marking example (package top view),
– Figure 46: LQFP32 marking example (package top view).
Moved Section 10.5: Thermal characteristics to Section 10: Package
information.
Table 69. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More